Part Number Hot Search : 
ISPLSI IRF822 UPC741 2N491 CZRF22VB 431FP 2SA103 5225B
Product Description
Full Text Search
 

To Download SBL1050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL1050CT thru SBL1060CT
Low VF Schottky Barrier Rectifiers
Dimensions TO-220AB
A C(TAB) A C A
C
A
Dim. A B C D E F G H J K M N Q R
A=Anode, C=Cathode, TAB=Cathode
SBL1050CT SBL1060CT
VRRM V 50 60
VRMS V 35 42
VDC V 50 60
Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110
Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
Symbol I(AV) IFSM VF IR CJ ROJC TJ TSTG
Characteristics Maximum Average Forward Rectified Current @TC=95oC
Maximum Ratings 10 125 0.7 @TJ=25 C @TJ=100oC
o
Unit A A V mA pF
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 5.0A DC (Note 1) Maximum DC Reverse Current At Rated DC Blocking Voltage
0.5 50 250 3.0 -55 to +125 -55 to +150
Typical Junction Capacitance Per Element (Note 2) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
C/W
o o
C C
NOTES: 1. 300us Pulse Width, 2% Duty Cycle. 2. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 3. Thermal Resistance Junction To Case.
FEATURES
* Metal of silicon rectifier, majority carrier conducton * Guard ring for transient protection * Low power loss, high efficiency * High current capability, low VF * High surge capacity * For use in low voltage, high frequency inverters, free whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AB molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
SBL1050CT thru SBL1060CT
Low VF Schottky Barrier Rectifiers
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
12 10 8 6 4 2 0
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
100
10
10
TJ = 100 C
1.0
TJ = 75 C
1.0
TJ = 25 C
0.1
TJ = 25 C PULSE WIDTH 300ua 300us 2% Duty cycle
0.01 0 20 40 60 80 100 120 140
0.1 0.1 0.2 0.3 0.4 0.5
PERCENT OF RATED PEAK REVERSE VOLTAGE (VOLTS)
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
100
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of SBL1050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X